PART |
Description |
Maker |
HD74ALVC1G04VSE HD74ALVC1G04 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series Single Inverter Buffer
|
RENESAS[Renesas Electronics Corporation]
|
LN LN41YPSLX |
5.0 mm Series EDQ MOLDED 12C 10 FT MF T-1 3/4 SINGLE COLOR LED, AMBER, 5 mm Series Round Type
|
Panasonic Semiconductor Panasonic, Corp.
|
L161TSGSGC L161TEEC |
OVAL TWO CHIPS IN SERIES LED LAMPS T-1 3/4 SINGLE COLOR LED, SUPER BRIGHT GREEN, 5.6 mm OVAL TWO CHIPS IN SERIES LED LAMPS T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED ORANGE, 5.6 mm
|
Kingbright, Corp.
|
SC-A1421-FREQ SC-A1420-FREQ SC-A142X SC-1420-FREQ |
Crystal Clock Oscillators 晶体时钟振荡 SE Series Environmentally Sealed Basic Switch, Single Pole Normally Open Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Leadwire Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
F-CBS-F1 F-CBS-F3 F-CBS-F5 F-CBS-F2 |
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
|
List of Unclassifed Man...
|
SA45A SA40A SA150A SA20A SA30 SA100 SA24 SA48 SA33 |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 334 mm [13.15 in] lead wires HS Series Hermetically Sealed Basic Switch, Single Pole Double Throw Circuitry, 0.5 A at 125 Vac, Integral Lever Actuator, Leadwire Termination 510 Series Encoder, Mechanical 4 pulse/rev/channel 2-bit Gray code 瞬态电压抑制器
|
ON Semiconductor EIC Semiconductor, Inc. EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC discrete Semiconduc...
|
MX29L1611TC-75 MX29L1611MC-75 MX29L1611MC-10 MX29L |
Sealing Cap; For Use With:PX0412 Series Buccaneer Panel Body Style Circular Connectors, 4-pole; Body Material:Polyamide; Series:400 16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE PAGEMODE FLASH EEPROM 1M X 16 FLASH 3V PROM, 100 ns, PDSO44
|
Macronix International Co., Ltd. PROM
|
APTM100UM65DAG |
Single Switch Series Diodes
|
Microsemi
|
MINT1065X2475C01 MINT1065X1575C01 MINT1065X1275C01 |
65W Single Output Series
|
SL Power Electronics
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|